Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722REK7TR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM32F722REK7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722REK7TR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM32F722REK7TR Datasheet HTML 17Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 18Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 19Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 20Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 21Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 22Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 23Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 24Page - STMicroelectronics STM32F722REK7TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 229 page
background image
DS11853 Rev 6
21/229
STM32F722xx STM32F723xx
Description
49
Figure 6. STM32F722xx and STM32F723xx block diagram
1. The timers connected to APB2 are clocked from TIMxCLK up to 216 MHz, while the timers connected to APB1 are clocked
from TIMxCLK either up to 108 MHz or 216 MHz depending on TIMPRE bit configuration in the RCC_DCKCFGR register.
2. Available only on the STM32F723xx devices.
3. Available only on the STM32F723xx LQFP100 package.
MSv41012V4
GPIO PORT A
AHB/APB2
EXT IT. WKUP
168 AF
PA[15:0]
TIM1 / PWM
4 compl. chan. (TIM1_CH1[1:4]N),
4 chan. (TIM1_CH1[1:4]ETR, BKIN as AF
USART1
RX, TX, SCK,
CTS, RTS as AF
SPI1/I2S1
8 analog inputs common
to the 3 ADCs
VDDREF_ADC
UART4
MOSI, MISO, SCK
NSS as AF
SPI3/I2S3
DAC1
as AF
ITF
WWDG
4 KB BKPRAM
OSC32_IN
OSC32_OUT
VDDA, VSSA
NRESET
smcard
irDA
16b
SDMMC1
D[7:0]
CMD, CK as AF
VBAT = 1.8 to 3.6 V
GPDMA2
SCL, SDA, SMBAL as AF
I2C3/SMBUS
GP-DMA2
8 Streams
FIFO
ACCEL/
CACHE
SRAM1 176KB
CLK, NE [3:0], A[23:0],
D[31:0], NOEN, NWEN,
NBL[3:0], SDCLKE[1:0]
SDNE[1:0], SDNWE, NL
NWAIT, INTN
DP
DM
SCL, SDA, INT, ID, VBUS
AHB1 216 MHz
US
AR T 2 M B p s
Temperature sensor
ADC1
ADC2
ADC3
IF
IF
POR/PDR
BOR
SUPPLY
SUPERVISION
PVD
Int
POR
reset
XTAL 32 kHz
MGT
RTC
RC HS
RC LS
Standby
interface
@VDDA
AWU
RCC
Reset & control
PLL1+PLL2+PLL3
VDDUSB33 = 3.0 to 3.6 V
VSS
VCAP1
VOLT. REG
3.3V TO 1.2V
VDD12
BBgen + POWER MNGT
Backup register
TIM14
TIM9
2 channels as AF
DAC1
TIM6
TIM7
TIM2
TIM3
TIM4
TIM5
TIM12
SRAM2 16KB
AHB2 216 MHz
GP-DMA1
8 Streams
FIFO
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PF[15:0]
PG[15:0]
PH[15:0]
PI[11:0]
GPIO PORT B
GPIO PORT C
GPIO PORT D
GPIO PORT E
GPIO PORT F
GPIO PORT G
GPIO PORT H
GPIO PORT I
TIM8 / PWM
16b
16b
TIM10
16b
TIM11
16b
smcard
irDA
USART6
4 compl. chan.(TIM8_CH1[1:4]N),
4 chan. (TIM8_CH1[1:4], ETR, BKIN as AF
1 channel as AF
1 channel as AF
RX, TX, SCK,
CTS, RTS as AF
8 analog inputs common
to the ADC1 & 2
8 analog inputs for ADC3
DAC2
as AF
16b
16b
bxCAN1
I2C2/SMBUS
I2C1/SMBUS
SCL, SDA, SMBAL as AF
SCL, SDA, SMBAL as AF
SPI2/I2S2
MOSI, MISO, SCK
NSS as AF
TX, RX
RX, TX as AF
RX, TX as AF
RX, TX, SCK
CTS, RTS as AF
RX, TX, SCK
CTS, RTS as AF
1 channel as AF
UART5
USART3
USART2
smcard
irDA
smcard
irDA
16b
16b
16b
1 channel as AF
TIM13
2 channels as AF
32b
16b
16b
32b
4 channels
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
GPDMA1
AHB/
APB1
OSC_IN
OSC_OUT
XTAL OSC
4- 16MHz
SPI4
SCK, NSS as AF
SPI5
SCK, NSS as AF
MOSI, MISO,
MOSI, MISO,
RX, TX as AF
UART7
RX, TX as AF
UART8
SAI1
SD, SCK, FS, MCLK as AF
NRAS, NCAS, NADV
RTC_TS
RTC_TAMPx
RTC_OUT
Arm CPU
Cortex-M7
AXIM
AHBP
AHBS
DTCM
ICTM
TRACECK
TRACED[3:0]
JTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
JTAG & SW
NVIC
ETM
MPU FPU
DTCM RAM 64KB
ITCM RAM 16KB
Quad-SPI
CLK, CS,D[7:0]
VDDMMC33 = 3.0 to 3.6V
WKUP[4:0]
LPTIM1
16b
SAI2
SD, SCK, FS, MCLK as AF
EXT MEM CTL (FMC)
SRAM, SDRAM, NOR-Flash,
NAND-Flash, SDRAM
216MHz
I-Cache
8KB
D-Cache
8KB
@VDDA
@VDD33
@VDD33
@VSW
@VDDA
@VDDA
FLASH 512KB
SDMMC2
D[7:0]
CMD, CK as AF
DAC2
SYSCFG
WDG32K
VDD = 1.8 to 3.6 V
CRC
SCK, NSS as AF
MOSI, MISO,
RNG
USB HS
PHY
PLL
LDO
USB
OTG FS
SCL, SDA, INT, ID, VBUS
OTG HS PHY
CONTROLLER
(2)
DP, DM
ULPI:CK, D[7:0], DIR, STP, NXT
SCL/SDA, INT, ID, VBUS
USB OTG HS
PLL1
LDO
DMA/
FIFO
PLL2
(2)
ULPI:CK, D[7:0], DIR, STP, NXT
BGR
VDDPHYHS = 3.0 to 3.6V
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com