| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F723VCK7TR Fiches technique(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723VCK7TR Fiches technique(HTML) 78 Page - STMicroelectronics |
|
78 / 229 page ![]() - - - C9 136 - - C9 - - 136 VDD S - - - - 49 76 109 A14 137 76 C4 A14 A11 109 137 PA14(JTCK- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 50 77 110 A13 138 77 B4 A13 A10 110 138 PA15(JTDI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, UART4_RTS, EVENTOUT - 51 78 111 B14 139 78 A3 B14 B11 111 139 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDMMC1_D2, EVENTOUT - 52 79 112 B13 140 79 C5 B13 B10 112 140 PC11 I/O FT - SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDMMC1_D3, EVENTOUT - 53 80 113 A12 141 80 D5 A12 C10 113 141 PC12 I/O FT - TRACED3, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDMMC1_CK, EVENTOUT - - 81 114 B12 142 81 B5 B12 E10 114 142 PD0 I/O FT - CAN1_RX, FMC_D2, EVENTOUT - - 82 115 C12 143 82 A4 C12 D10 115 143 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |