Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722ICT7TR Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STM32F722ICT7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722ICT7TR Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STM32F722ICT7TR Datasheet HTML 65Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 66Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 67Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 68Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 69Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 70Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 71Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 72Page - STMicroelectronics STM32F722ICT7TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 229 page
background image
25
34
46
R5
56
34
F5
R5
L4
46
56
PB0
I/O
FT
(4)
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N, UART4_CTS,
OTG_HS_ULPI_D1, EVENTOUT
ADC1_IN8,
ADC2_IN8
26
35
47
R4
57
35
G5
R4
M4
47
57
PB1
I/O
FT
(4)
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N,
OTG_HS_ULPI_D2, EVENTOUT
ADC1_IN9,
ADC2_IN9
27
36
48
M6
58
36
K6
M6
J5
48
58
PB2
I/O
FT
-
SAI1_SD_A,
SPI3_MOSI/I2S3_SD,
QUADSPI_CLK, EVENTOUT
-
-
-
49
R6
59
-
-
R6
M5
49
59
PF11
I/O
FT
-
SPI5_MOSI, SAI2_SD_B,
FMC_SDNRAS, EVENTOUT
-
-
-
50
P6
60
-
-
P6
L5
50
60
PF12
I/O
FT
-
FMC_A6, EVENTOUT
-
-
-
51
M8
61
-
-
M8
-
51
61
VSS
S
-
-
-
-
-
-
52
N8
62
-
-
N8
G5
52
62
VDD
S
-
-
-
-
-
-
53
N6
63
-
-
N6
K5
53
63
PF13
I/O
FT
-
FMC_A7, EVENTOUT
-
-
-
54
R7
64
-
-
R7
M6
54
64
PF14
I/O
FT
-
FMC_A8, EVENTOUT
-
-
-
55
P7
65
-
-
P7
L6
55
65
PF15
I/O
FT
-
FMC_A9, EVENTOUT
-
-
-
56
N7
66
-
-
N7
K6
56
66
PG0
I/O
FT
-
FMC_A10, EVENTOUT
-
-
-
57
M7
67
-
-
M7
J6
57
67
PG1
I/O
FT
-
FMC_A11, EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More