Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F723VCY6TR Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F723VCY6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCY6TR Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F723VCY6TR Datasheet HTML 61Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 62Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 63Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 64Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 65Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 66Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 67Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 68Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 229 page
background image
-
-
20
L3
26
-
-
L3
G3
20
26
PF8
I/O
FT
-
SPI5_MISO, SAI1_SCK_B,
UART7_RTS, TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_IN6
-
-
21
L2
27
-
-
L2
G2
21
27
PF9
I/O
FT
-
SPI5_MOSI, SAI1_FS_B,
UART7_CTS, TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_IN7
-
-
22
L1
28
-
-
L1
G1
22
28
PF10
I/O
FT
-
EVENTOUT
ADC3_IN8
5
12
23
G1
29
12
G10
G1
D1
23
29
PH0-OSC_IN
I/O
FT
(5)
EVENTOUT
OSC_IN
6
13
24
H1
30
13
H10
H1
E1
24
30
PH1-OSC_OUT
I/O
FT
(5)
EVENTOUT
OSC_OUT
7
14
25
J1
31
14
G9
J1F125
31
NRST
I/O
RS
T
--
-
8
15
26
M2
32
15
F8
M2
H12632
PC0
I/O
FT
(4)
SAI2_FS_B,
OTG_HS_ULPI_STP,
FMC_SDNWE, EVENTOUT
ADC1_IN10,
ADC2_IN10,
ADC3_IN10
9
16
27
M3
33
16
H9
M3
H22733
PC1
I/O
FT
-
TRACED0,
SPI2_MOSI/I2S2_SD,
SAI1_SD_A, EVENTOUT
ADC1_IN11,
ADC2_IN11,
ADC3_IN11,
RTC_TAMP3,
WKUP3
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More