Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1928 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce UM1928
Description  Getting started with STM32L476G discovery kit software development tools
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1928 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button UM1928 Datasheet HTML 14Page - STMicroelectronics UM1928 Datasheet HTML 15Page - STMicroelectronics UM1928 Datasheet HTML 16Page - STMicroelectronics UM1928 Datasheet HTML 17Page - STMicroelectronics UM1928 Datasheet HTML 18Page - STMicroelectronics UM1928 Datasheet HTML 19Page - STMicroelectronics UM1928 Datasheet HTML 20Page - STMicroelectronics UM1928 Datasheet HTML 21Page - STMicroelectronics UM1928 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Executing and debugging firmware using a software toolchains
UM1928
18/22
DocID028162 Rev 1
Figure 16. TrueSTUDIO® project successfully compiled
If the user needs to change the project settings (Include directories and preprocessor
defines), he must follow Project>Properties, select C/C++ Build>Settings from the left panel:
For Include directories
C Compiler>Directories>Include path
For pre-processor defines
C Compiler>Symbols> Defined symbols
9.
To debug and run the application, select the project In the Project Explorer and press
F11 to start a debug session.
In the Project Explorer, select the project and press F11 to start a debug session (see
Figure 17: TrueSTUDIO debug window).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22