Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1075 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM1075
Description  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1075 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM1075 Datasheet HTML 9Page - STMicroelectronics UM1075 Datasheet HTML 10Page - STMicroelectronics UM1075 Datasheet HTML 11Page - STMicroelectronics UM1075 Datasheet HTML 12Page - STMicroelectronics UM1075 Datasheet HTML 13Page - STMicroelectronics UM1075 Datasheet HTML 14Page - STMicroelectronics UM1075 Datasheet HTML 15Page - STMicroelectronics UM1075 Datasheet HTML 16Page - STMicroelectronics UM1075 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UM1075 Rev 8
13/19
UM1075
Hardware configuration
18
Figure 9 shows how to connect the ST-LINK/V2 to a target using the JTAG cable.
Figure 9. JTAG and SWD connection
1. A = Target application board with JTAG connector
2. B = JTAG/SWD 20-wire flat cable
3. C= STM32 JTAG and SWD target connector
The reference of the connector needed on the target application board is:
2x10C header wrapping 2x40C H3/9.5 (pitch 2.54) - HED20 SCOTT PHSD80.
Figure 10. JTAG debugging flat ribbon layout
Note:
For low cost applications or when the standard 20-pin 2.54mm-pitch connector footprint is
too big, it is possible to implement the Tag-Connect solution to save cost and space on the
application board. The Tag-Connect adapter and cable provide a simple and reliable means
of connecting ST-LINK/V2 or ST-LINK/V2-ISOL to the PCB without requiring a mating
component on the application PCB.
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19