Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F723ICK6TR Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32F723ICK6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723ICK6TR Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32F723ICK6TR Datasheet HTML 85Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 86Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 87Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 88Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 89Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 90Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 91Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 92Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 229 page
background image
Table 12. STM32F722xx and STM32F723xx alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS
Port A
PA0
-
TIM2_CH1
/TIM2_ET
R
TIM5_CH1
TIM8_ETR
-
-
-
USART2_CT
S
UART4_ TX
-
SAI2_SD_B
-
-
EVEN
TOUT
PA1
-
TIM2_CH2 TIM5_CH2
-
-
-
-
USART2_RT
S
UART4_RX
QUADSPI_
BK1_IO3
SAI2_MCK
_B
--
EVEN
TOUT
PA2
-
TIM2_CH3 TIM5_CH3
TIM9_CH1
-
-
-
USART2_TX
SAI2_SCK_B
-
-
-
-
EVEN
TOUT
PA3
-
TIM2_CH4 TIM5_CH4
TIM9_CH2
-
-
-
USART2_RX
-
-
OTG_HS_U
LPI_D0
--
EVEN
TOUT
PA4
-
-
-
-
-
SPI1_NSS
/I2S1_WS
SPI3_NSS
/I2S3_WS
USART2_CK
-
-
-
-
OTG_HS_
SOF
EVEN
TOUT
PA5
-
TIM2_CH1
/TIM2_ET
R
-
TIM8_CH1
N
-
SPI1_SCK
/I2S1_CK
--
-
-
OTG_HS_U
LPI_CK
--
EVEN
TOUT
PA6
-
TIM1_BKI
N
TIM3_CH1 TIM8_BKIN
-
SPI1_MIS
O
-
-
-
TIM13_CH1
-
-
-
EVEN
TOUT
PA7
-
TIM1_CH1
N
TIM3_CH2
TIM8_CH1
N
-
SPI1_MO
SI/I2S1_S
D
-
-
-
TIM14_CH1
-
-
FMC_SDN
WE
EVEN
TOUT
PA8
MCO1
TIM1_CH1
-
TIM8_BKIN
2
I2C3_SCL
-
-
USART1_CK
-
-
OTG_FS_S
OF
--
EVEN
TOUT
PA9
-
TIM1_CH2
-
-
I2C3_SMB
A
SPI2_SCK
/I2S2_CK
-
USART1_TX
-
-
-
-
-
EVEN
TOUT
PA10
-
TIM1_CH3
-
-
-
-
-
USART1_RX
-
-
OTG_FS_I
D
--
EVEN
TOUT
PA11
-
TIM1_CH4
-
-
-
-
-
USART1_CT
S
-
CAN1_RX
OTG_FS_D
M
--
EVEN
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More