Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN32F0ATR Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STSPIN32F0ATR
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 27Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 28Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 29Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 30Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 31Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 32Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 33Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 34Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
STSPIN32F0A
Device description
DocID030766 Rev 2.0
31/41
Depending on the status of the OC_SEL signal (see Table 11: "OC protection selection")
the OC event is acting directly on the control logic of the gate driver switching off all high-
side gate outputs, and consequently the external high-side power switches.
Figure 15: Comparator
Table 11: OC protection selection
OC_SEL
(PA11)
Function
0
OC comparator output signal is visible only to MCU (default)
1
OC comparator output signal is visible to MCU and also acts on gate driver control
logic
Table 12: OC threshold values
OC_TH_STBY2
(PF6)
OC_TH_STBY1
(PF7)
OC threshold [mV]
Note
0
0
N.A.
Standby mode
(see Section 6.4: "Standby mode")
0
1
100
-
1
0
250
-
1
1
500
-
When the overcurrent condition disappears, the latched overcurrent signal is released only
after all the high-side outputs are kept low for at least tOCrelease time. (Refer to Figure 16:
"Driver logic overcurrent management signals").
To PB12 and PA12
of MCU and
control logic
COMP
OC th
OC_COMP
VM
Rshunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41