| Moteur de recherche de fiches techniques de composants électroniques |
|
STSPIN220 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN220 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 27 page ![]() Figure 7. PWM current control sequence V S SENSEX VS OUTX1 OUTX2 R SENSE V S SENSEX VS OUTX1 OUTX2 R SENSE V S SENSEX VS OUTX1 OUTX2 R SENSE V S SENSEX VS OUTX1 OUTX2 R SENSE V S SENSEX VS OUTX1 OUTX2 R SENSE I phase t OFF t OFF,SLOW t DT t DT t OFF,FAST V SENSEX V REFX V REFX/ RSENSE 6.3.1 OFF time adjustment The total OFF time (slow decay + fast decay) is adjusted through an external resistor connected between the TOFF pin and ground, as shown in Figure 7. PWM current control sequence. A small RC series must be inserted in parallel with the regulator resistor in order to increase the stability of the regulation circuit according to Table 12. ON, slow decay and fast decay states indications. Figure 8. OFF time regulation circuit TOFF R OFF C RCOFF R RCOFF STSPIN220 PWM current control DS11633 - Rev 4 page 14/27 |