| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32H753 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H753 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 3 Development environment 3.1 System requirements • Windows® OS (7, 8 and 10), Linux® 64-bit, or macOS® • USB Type-A to Micro-B cable Note: macOS® is a trademark of Apple Inc. registered in the U.S. and other countries. 3.2 Development toolchains • Keil® MDK-ARM (see note) • IAR™ EWARM (see note) • GCC-based IDEs Note: On Windows® only. 3.3 Demonstration software The demonstration software, included in the STM32Cube MCU Package corresponding to the on-board microcontroller, is preloaded in the STM32 Flash memory for easy demonstration of the device peripherals in standalone mode. The latest versions of the demonstration source code and associated documentation can be downloaded from www.st.com. STM32H743I-EVAL STM32H753I-EVAL Development environment DB3235 - Rev 3 page 4/6 |