| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F722RET6TR Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722RET6TR Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 229 page ![]() - 73 106 F13 125 73 B3 F13 G9 106 125 VCAP_2 S - - - - 47 74 107 F12 126 74 A2 F12 G10 107 126 VSS S - - - - 48 75 108 G13 127 75 A1 G13 F9 108 127 VDD S - - - - - - - E12 128 - - E12 - - 128 PH13 I/O FT - TIM8_CH1N, UART4_TX, CAN1_TX, FMC_D21, EVENTOUT - - - - E13 129 - - E13 - - 129 PH14 I/O FT - TIM8_CH2N, UART4_RX, CAN1_RX, FMC_D22, EVENTOUT - - - - D13 130 - - D13 - - 130 PH15 I/O FT - TIM8_CH3N, FMC_D23, EVENTOUT - - - - E14 131 - - E14 - - 131 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS, FMC_D24, EVENTOUT - - - - D14 132 - - D14 - - 132 PI1 I/O FT - TIM8_BKIN2, SPI2_SCK/I2S2_CK, FMC_D25, EVENTOUT - - - - C14 133 - - C14 - - 133 PI2 I/O FT - TIM8_CH4, SPI2_MISO, FMC_D26, EVENTOUT - - - - C13 134 - - C13 - - 134 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, EVENTOUT - - - - D9 135 - - D9 - - 135 VSS S - - - - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |