Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F722IC Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce STM32F722IC
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722IC Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button STM32F722IC Datasheet HTML 89Page - STMicroelectronics STM32F722IC Datasheet HTML 90Page - STMicroelectronics STM32F722IC Datasheet HTML 91Page - STMicroelectronics STM32F722IC Datasheet HTML 92Page - STMicroelectronics STM32F722IC Datasheet HTML 93Page - STMicroelectronics STM32F722IC Datasheet HTML 94Page - STMicroelectronics STM32F722IC Datasheet HTML 95Page - STMicroelectronics STM32F722IC Datasheet HTML 96Page - STMicroelectronics STM32F722IC Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 229 page
background image
Port D
PD0
-
--
-
-
--
-
-
CAN1_RX
-
-
FMC_D2
EVEN
TOUT
PD1
-
--
-
-
--
-
-
CAN1_TX
-
-
FMC_D3
EVEN
TOUT
PD2
TRACED2
-
TIM3_ETR
-
-
-
-
-
UART5_RX
-
-
-
SDMMC1
_CMD
EVEN
TOUT
PD3
-
-
-
-
-
SPI2_SCK
/I2S2_CK
-
USART2_CT
S
-
-
-
-
FMC_CLK
EVEN
TOUT
PD4
-
--
-
-
--
USART2_RT
S
--
-
-
FMC_NO
E
EVEN
TOUT
PD5
-
--
-
-
--
USART2_TX
-
-
-
-
FMC_NW
E
EVEN
TOUT
PD6
-
-
-
-
-
SPI3_MO
SI/I2S3_S
D
SAI1_SD_
A
USART2_RX
-
-
-
SDMMC2
_CK
FMC_NW
AIT
EVEN
TOUT
PD7
-
--
-
-
--
USART2_CK
-
-
-
SDMMC2
_CMD
FMC_NE1
EVEN
TOUT
PD8
-
-
-
-
-
-
-
USART3_TX
-
-
-
-
FMC_D13
EVEN
TOUT
PD9
-
--
-
-
--
USART3_RX
-
-
-
-
FMC_D14
EVEN
TOUT
PD10
-
-
-
-
-
-
-
USART3_CK
-
-
-
-
FMC_D15
EVEN
TOUT
PD11
-
-
--
--
-
USART3_CT
S
-
QUADSPI_
BK1_IO0
SAI2_SD_A
-
FMC_A16/
FMC_CLE
EVEN
TOUT
PD12
-
-
TIM4_CH1
LPTIM1_IN
1
--
-
USART3_RT
S
-
QUADSPI_
BK1_IO1
SAI2_FS_A
-
FMC_A17/
FMC_ALE
EVEN
TOUT
PD13
-
-
TIM4_CH2
LPTIM1_O
UT
--
-
-
-
QUADSPI_
BK1_IO3
SAI2_SCK_
A
-FMC_A18
EVEN
TOUT
Port D
PD14
-
-
TIM4_CH3
-
-
-
-
-
UART8_CTS
-
-
-
FMC_D0
EVEN
TOUT
PD15
-
-
TIM4_CH4
-
-
-
-
-
UART8_RTS
-
-
-
FMC_D1
EVEN
TOUT
Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More