Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM3P2107AF-08-ST Fiches technique(PDF) 2 Page - Alliance Semiconductor Corporation

No de pièce ASM3P2107AF-08-ST
Description  Peak EMI Reducing Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2107AF-08-ST Fiches technique(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2107AF-08-ST Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2107AF-08-ST Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2107AF-08-ST Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2107AF-08-ST Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2107AF-08-ST Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2107AF-08-ST Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2107AF-08-ST Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
July 2005
ASM3P2107A
rev 0.3
Peak EMI Reducing Solution
2 of 7
Notice: The information in this document is subject to change without notice.
CLOCKOUT
1
2
3
4
5
6
7
8
ASM3P2107A
XIN / CLKIN
XOUT
GND
NC
VDD
NC
NC
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected to either an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
GND
P
Ground to entire chip.
4
NC
-
No connect.
5
CLOCKOUT
O
Spread spectrum low EMI output.
6
VDD
P
Power supply for the entire chip (5V).
7
NC
-
No connect.
8
NC
-
No connect.



Html Pages

1 2 3 4 5 6 7