| Moteur de recherche de fiches techniques de composants électroniques |
|
PC48F3P0VB00 Fiches technique(PDF) 11 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F3P0VB00 Fiches technique(HTML) 11 Page - Intel Corporation |
|
11 / 102 page ![]() 1-Gbit P30 Family Datasheet Intel StrataFlash® Embedded Memory (P30) April 2005 Order Number: 306666, Revision: 001 11 Terminal Dimension D 19.800 20.00 20.200 0.780 0.787 0.795 Lead Tip Length L 0.500 0.600 0.700 0.020 0.024 0.028 Lead Count N - 56 - - 56 - Lead Tip Angle ∅ 0° 3° 5° 0° 3° 5° Seating Plane Coplanarity Y - - 0.100 - - 0.004 Lead to Package Offset Z 0.150 0.250 0.350 0.006 0.010 0.014 Table 1. TSOP Package Dimensions (Sheet 2 of 2) Product Information Sym Millimeters Inches Min Nom Max Min Nom Max |