Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC48F2P0VB00 Fiches technique(PDF) 87 Page - Intel Corporation

No de pièce PC48F2P0VB00
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F2P0VB00 Fiches technique(HTML) 87 Page - Intel Corporation

Back Button PC48F2P0VB00 Datasheet HTML 83Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 84Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 85Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 86Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 87Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 88Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 89Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 90Page - Intel Corporation PC48F2P0VB00 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
87
Figure 42.
Buffer Program Flowchart
Buffer Programming Procedure
Start
Get Next
Target Address
Issue Buffer Prog. Cmd.
0xE8,
Word Address
Read Status Register
at Word Address
Write Buffer
Available?
SR[7] =
1 = Yes
Device
Supports Buffer
Writes?
Set Timeout or
Loop Counter
Timeout
or Count
Expired?
Write Confirm 0xD0
and Word Address
(Note 5)
Yes
No
Buffer Program Data,
Start Word Address
X = 0
0 = No
Yes
Use Single Word
Programming
Abort Buffer
Program?
No
X = N?
Write Buffer Data,
Word Address
X = X + 1
Write to another
Block Address
Buffer Program Aborted
No
Yes
Yes
Write Word Count,
Word Address
Suspend
Program
Loop
Read Status Register
(Note 7)
Is BP finished?
SR[7] =
Full Status
Check if Desired
Program Complete
Suspend
Program?
1=Yes
0=No
Yes
No
Issue Read
Status Register
Command
No
1. Word count value on D[7:0] is loaded into the word count
register. Count ranges for this device are N = 0x00 to 0x1F.
2. The device outputs the Status Register when read.
3. Write Buffer contents will be programmed at the issued word
address.
4. Align the start address on a Write Buffer boundary for
maximum programming performance (i.e., A[4:0] of the Start
Word Address = 0x00).
5. The Buffered Programming Confirm command must be
issued to an address in the same block, for example, the
original Start Word Address, or the last address used during the
loop that loaded the buffer data.
6. The Status Register indicates an improper command
sequence if the Buffer Program command is aborted; use the
Clear Status Register command to clear error bits.
7. The Status Register can be read from any address within
the programming partition.
Full status check can be done after all erase and write
sequences complete. Write 0xFF after the last operation to
place the partition in the Read Array state.
Bus
Operation
Idle
Read
Command
None
None
Write
Buffer Prog.
Setup
Read
None
Idle
None
Comments
Check SR[7]:
1 = WSM Ready
0 = WSM Busy
Status register Data
Addr = Note 7
Data = 0xE8
Addr = Word Address
SR[7] = Valid
Addr = Word Address
Check SR[7]:
1 = Write Buffer available
0 = No Write Buffer available
Write
(Notes 5, 6)
Buffer Prog.
Conf.
Data = 0xD0
Addr = Original Word Address
Write
(Notes 1, 2)
None
Data = N-1 = Word Count
N = 0 corresponds to count = 1
Addr = Word Address
Write
(Notes 3, 4)
None
Data = Write Buffer Data
Addr = Start Word Address
Write
(Note 3)
None
Data = Write Buffer Data
Addr = Word Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com