Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R510M8S Fiches technique(PDF) 16 Page - u-blox AG

No de pièce EVK-R510M8S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R510M8S Fiches technique(HTML) 16 Page - u-blox AG

Back Button EVK-R510M8S Datasheet HTML 12Page - u-blox AG EVK-R510M8S Datasheet HTML 13Page - u-blox AG EVK-R510M8S Datasheet HTML 14Page - u-blox AG EVK-R510M8S Datasheet HTML 15Page - u-blox AG EVK-R510M8S Datasheet HTML 16Page - u-blox AG EVK-R510M8S Datasheet HTML 17Page - u-blox AG EVK-R510M8S Datasheet HTML 18Page - u-blox AG EVK-R510M8S Datasheet HTML 19Page - u-blox AG EVK-R510M8S Datasheet HTML 20Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Appendix
Page 16 of 23
C1-Public
B.2 Configuring a new connection
1.
Open the Control Panel, go to the Network
and Sharing Center, and select “Set up a
new connection or network”.
2.
Select “Connect to the Internet” and click
“Next”.
3.
Select “Dial-up” and, if requested, the
modem previously installed.
4.
Enter the parameters for the dial-up
connection:
o
The
module
telephone
number:
*99***1#
(to be changed if using a PDP context
different from 1)
o
The specific account information for
the network operator
o
A name for the connection (e.g., “R5
Dial-up”)
The packet data connection is now ready to be used with EVK-R5. Click “Connect” to start the
connection, then start a browser to check Internet connectivity.
Consult the cellular network operator for username and password. In most cases, they can be left
empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23