Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSDPE2KX080T8OS Fiches technique(PDF) 2 Page - Intel Corporation

No de pièce SSDPE2KX080T8OS
Description  SSD DC P4510 SERIES 8.0TB 2.5I Intel짰 SSD DC P4510 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

SSDPE2KX080T8OS Fiches technique(HTML) 2 Page - Intel Corporation

  SSDPE2KX080T8OS Datasheet HTML 1Page - Intel Corporation SSDPE2KX080T8OS Datasheet HTML 2Page - Intel Corporation SSDPE2KX080T8OS Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typ
Solid-State-Disk - intern - Temperature Monitoring and Logging, Enhanced
Power Loss Data Protection, End-to-End-Datenschutz, 3D NAND
Technology
Kapazität
8 TB
Hardwareverschlüsselung
Ja
Verschlüsselungsalgorithmus
256-Bit-AES
NAND-Flash-Speichertyp
3D triple-level cell (TLC)
Formfaktor
2.5" (6.4 cm)
Schnittstelle
PCI Express 3.1 x4 (NVMe)
Merkmale
Temperature Monitoring and Logging, Enhanced Power Loss Data
Protection, End-to-End-Datenschutz, 3D NAND Technology
Gewicht
139 g
Herstellergarantie
5 Jahre Garantie
Tech. Details
Gerätetyp
Solid-State-Disk - intern
Kapazität
8 TB
Hardwareverschlüsselung
Ja
Verschlüsselungsalgorithmus
256-Bit-AES
NAND-Flash-Speichertyp
3D triple-level cell (TLC)
Formfaktor
2.5" (6.4 cm)
Schnittstelle
PCI Express 3.1 x4 (NVMe)
Merkmale
Temperature Monitoring and Logging, Enhanced Power Loss Data
Protection, End-to-End-Datenschutz, 3D NAND Technology
Gewicht
139 g
SSD-Leistung
13.88 PB
Interner Datendurchsatz
3200 MBps (lesen)/ 3000 MBps (Schreiben)
4 KB Random Read
620000 IOPS
4 KB Random Write
139500 IOPS



Html Pages

1 2 3