Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SARA-R510M8S Fiches technique(PDF) 38 Page - u-blox AG

No de pièce SARA-R510M8S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R510M8S Fiches technique(HTML) 38 Page - u-blox AG

Back Button SARA-R510M8S Datasheet HTML 34Page - u-blox AG SARA-R510M8S Datasheet HTML 35Page - u-blox AG SARA-R510M8S Datasheet HTML 36Page - u-blox AG SARA-R510M8S Datasheet HTML 37Page - u-blox AG SARA-R510M8S Datasheet HTML 38Page - u-blox AG SARA-R510M8S Datasheet HTML 39Page - u-blox AG SARA-R510M8S Datasheet HTML 40Page - u-blox AG SARA-R510M8S Datasheet HTML 41Page - u-blox AG SARA-R510M8S Datasheet HTML 42Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Labeling and ordering information
Page 38 of 43
C1-Public
8.3 Ordering information
Ordering No.
Product
SARA-R500S-00B
Secure cloud LTE Cat M1 module for multi-region use.
26.0 x 16.0 mm, 250 pieces/reel
SARA-R510S-00B
Secure cloud LTE Cat M1 module for multi-region use.
Designed for extremely low current consumption in deep-sleep power saving mode (PSM).
26.0 x 16.0 mm, 250 pieces/reel
SARA-R510M8S-00B Secure cloud LTE Cat M1 module for multi-region use.
Designed with integrated u-blox M8 GNSS receiver, concurrently available with LTE network access.
26.0 x 16.0 mm, 250 pieces/reel
Table 28: Product ordering codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43