| Moteur de recherche de fiches techniques de composants électroniques |
|
SARA-R510S Fiches technique(PDF) 34 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R510S Fiches technique(HTML) 34 Page - u-blox AG |
|
34 / 43 page ![]() SARA-R5 series - Data sheet UBX-19016638 - R06 Product handling & soldering Page 34 of 43 C1-Public 7 Product handling & soldering 7.1 Packaging SARA-R5 series modules are delivered as hermetically sealed, reeled tapes to enable efficient production, production lot set-up and tear-down. For more information about packaging, see the u-blox package information user guide [3]. 7.1.1 Reels SARA-R5 series modules are deliverable in quantities of 250 pieces on a reel. The modules are delivered using reel type B2 described in Figure 6 and in the u-blox package information user guide [3]. Figure 6: SARA-R5 series modules reel Parameter Specification Reel type B2 Delivery quantity 250 Table 24: Reel information for SARA-R5 series modules Quantities of less than 250 pieces are also available. Contact u-blox for more information. |