Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVK-R500S Fiches technique(PDF) 15 Page - u-blox AG

No de pièce EVK-R500S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  U-BLOX [u-blox AG]
Site Internet  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R500S Fiches technique(HTML) 15 Page - u-blox AG

Back Button EVK-R500S Datasheet HTML 11Page - u-blox AG EVK-R500S Datasheet HTML 12Page - u-blox AG EVK-R500S Datasheet HTML 13Page - u-blox AG EVK-R500S Datasheet HTML 14Page - u-blox AG EVK-R500S Datasheet HTML 15Page - u-blox AG EVK-R500S Datasheet HTML 16Page - u-blox AG EVK-R500S Datasheet HTML 17Page - u-blox AG EVK-R500S Datasheet HTML 18Page - u-blox AG EVK-R500S Datasheet HTML 19Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Appendix
Page 15 of 23
C1-Public
3.
Select “Standard 33600 bps Modem” and
click “Next”.
4.
Select the COM port to use for data
communication and click “Next”. This is the
COM port on which the modem will be
installed.
5.
In the next step, click “Finish” to complete
the modem installation.
6.
Now the new modem is visible under the
Modems tab in Control Panel > Phone and
Modem.
Any extra initialization AT command (e.g., to set
a specific APN name) can be entered by
selecting Properties and filling in the “Extra
initialization commands” text box under the
Advanced tab.
Now the module is ready and the connection can be configured.
The modem configuration can be edited also by clicking on the modem name in the Device Manager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23