| Moteur de recherche de fiches techniques de composants électroniques |
|
AS29F040-70LC Fiches technique(PDF) 16 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS29F040-70LC Fiches technique(HTML) 16 Page - Alliance Semiconductor Corporation |
|
16 / 18 page ![]() ® 49 49 49 49 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 $65<)373 $65<)373 $65<)373 $65<)373 3UHOLPLQDU\#LQIRUPDWLRQ 3UHOLPLQDU\#LQIRUPDWLRQ 3UHOLPLQDU\#LQIRUPDWLRQ 3UHOLPLQDU\#LQIRUPDWLRQ (UDVH#DQG#SURJUDPPLQJ#SHUIRUPDQFH /DWFKXS#WROHUDQFH# Includes all pins except VCC. Test conditions: VCC = 5.0V, one pin at a time. $&#WHVW#FRQGLWLRQV $EVROXWH#PD[LPXP#UDWLQJV NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Includes all pins except VCC. Test conditions: VCC = 5.0V, one pin at a time. Parameter Limits Unit Min Typical Max Sector erase and verify-1 time (excludes 00h programming prior to erase) - 1.0 - sec Byte program time - 45 - µs Chip programming time - 23 -sec Erase/program cycles - - 10,000 cycles Parameter Min Max Unit Input voltage with respect to VSS on A9 and OE -1.0 +13.0 V Input voltage with respect to VSS on all DQ, address and control pins -1.0 VCC+1.0 V Current -100 +100 mA Parameter Symbol Min Max Unit Input voltage (Input or DQ pin) VIN –2.0 +7.0 V Input voltage (A9 pin, OE)VIN –2.0 +13.0 V Power supply voltage VCC -0.5 +5.5 V Operating temperature TOPR –55 +125 °C Storage temperature (plastic) TSTG –65 +125 °C Short circuit output current IOUT -200 mA 100 pF* Device under Test *including scope and jig capacitance VSS Test condition Unit Output load 1 TTL gate Input rise and fall times 5 ns Input pulse levels 0.0-3.0 V Input timing measurement reference levels 1.5 V Output timing measurement reference levels 1.5 |