| Moteur de recherche de fiches techniques de composants électroniques |
|
AS29F040-70TC Fiches technique(PDF) 1 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS29F040-70TC Fiches technique(HTML) 1 Page - Alliance Semiconductor Corporation |
|
1 / 18 page ![]() 3UHOLPLQDU\#LQIRUPDWLRQ 3UHOLPLQDU\#LQIRUPDWLRQ 3UHOLPLQDU\#LQIRUPDWLRQ 3UHOLPLQDU\#LQIRUPDWLRQ Copyright ©2000 Alliance Semiconductor. All rights reserved. ® $65<)373 $65<)373 $65<)373 $65<)373 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 4444 89#845.ð;#&026#)ODVK#((3520 89#845.ð;#&026#)ODVK#((3520 89#845.ð;#&026#)ODVK#((3520 89#845.ð;#&026#)ODVK#((3520 )HDWXUHV • Organization:512K words × 8 bits • Industrial and commercial temperature • Sector architecture - Eight 64K byte sectors - Erase any combination of sectors or full chip • Single 5.0±0.5V power supply for read/write operations • Sector protection • High speed 55/70/90/120/150 ns address access time • Automated on-chip programming algorithm - Automatically programs/verifies data at specified address • Automated on-chip erase algorithm - Automatically preprograms/erases chip or specified sectors • 10,000 write/erase cycle endurance • Low power consumption - 30 mA maximum read current - 60 mA maximum program current - 400 µA typical standby current • JEDEC standard software, packages and pinouts - 32-pin TSOP - 32-pin PLCC • Detection of program/erase cycle completion -DQ7 DATA polling - DQ6 toggle bit • Erase suspend/resume - Supports reading data from or programming data to a sector not being erased • Low VCC write lock-out below 2.8V /RJLF#EORFN#GLDJUDP X decoder VCC VSS Cell matr Y decoder Y gating Data latch Chip enable Input/output buffers Sector protect Command register Program/erase control VCC detector Erase voltage generator Program voltage generator Timer A0–A18 CE OE STB STB Output enable Logic WE DQ0–DQ7 switches 3LQ#DUUDQJHPHQW VCC WE A17 A14 A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 A18 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS DQ4 DQ3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 32 31 30 29 28 27 26 25 24 23 22 21 20 19 15 16 18 17 32-pin TSOP 32-pin PLCC 1 232 31 30 43 29 28 27 26 25 24 23 21 A7 A6 A5 A4 A3 A2 A1 DQ0 VSS DQ4 DQ6 DQ1 22 5 6 7 8 9 10 11 13 12 17 16 18 19 20 14 15 DQ2 DQ3 DQ5 A0 A14 A13 A8 A9 A11 OE A10 DQ7 CE A16 VCC A17 A12 A15 A18 WE AS29F040 AS29F040 6HOHFWLRQ#JXLGH AS29F040-55 AS29F040-70 AS29F040-90 AS29F040-120 AS29F040-150 Unit Maximum access time tAA 55 70 90 120 150 ns Maximum chip enable access time tCE 55 70 90 120 150 ns Maximum output enable access time tOE 25 30 35 50 55 ns |
Numéro de pièce similaire - AS29F040-70TC |
|
Description similaire - AS29F040-70TC |