| Moteur de recherche de fiches techniques de composants électroniques |
|
AS29F040 Fiches technique(PDF) 8 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS29F040 Fiches technique(HTML) 8 Page - Alliance Semiconductor Corporation |
|
8 / 18 page ![]() $65<)373 $65<)373 $65<)373 $65<)373 ® ;;;; $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 $XWRPDWHG# RQ0FKLS# SURJUDPPLQJ# DOJRULWKP IRU#HDFK#E\WH $XWRPDWHG#RQ0FKLS#HUDVH#DOJRULWKP * The system software should check the status of DQ3 prior to and following each subsequent sector erase command to ensure command completion. The device may not have accepted the command if DQ3 is high on second status check. Write program command sequence (see below) DATA poll device-program Programming completed 5555h/AAh 2AAAh/55h 5555h/A0h Program address/program data Program command sequence Erase complete DATA polling or toggle bit successfully completed Write erase command sequence (see below) 5555h/AAh 2AAAh/55h 5555h/80h Chip erase command sequence 5555h/AAh 2AAAh/55h 5555h/10h Sector erase command sequence Sector address/30h Sector address/30h Sector address/30h Optional multiple sector erase commands* 5555h/AAh 2AAAh/55h 5555h/80h 5555h/AAh 2AAAh/55h |