| Moteur de recherche de fiches techniques de composants électroniques |
|
SS115 Fiches technique(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
|
|||||||||||||||||||||||||||||
SS115 Fiches technique(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
3 / 3 page ![]() SS12 THRU SS120 SMA 3 / 3 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. Tape/Reel,11”reel DO-214AC SMA DO-214AC SMA 5000 2000 8 96 1.98 42 10 100 80 54 Package Outline Plastic surface mounted package; 2leads The recommended mounting pad size Summary of Packing Options Package Packing Description Packing Quantity Industry Standard EIA-481-1 Tape/Reel,7”reel EIA-481-1 c HE V A M g a e A D g UNIT mm 2. 0.31 4.5 2. 5.2 . 0.15 4.0 2. 4.7 max min A c D E HE g 0.9 1.5 e 1.3 1.6 mil max min 181 1 205 7 157 185 12 6 35 59 51 63 0.3 a 12 2.4 (94) 1.8 (71) 1.8 (71) Unit : mm (mil) |