Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS9C25256M2036L Fiches technique(PDF) 10 Page - Alliance Semiconductor Corporation

No de pièce AS9C25256M2036L
Description  2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALSC [Alliance Semiconductor Corporation]
Site Internet  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25256M2036L Fiches technique(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS9C25256M2036L Datasheet HTML 6Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 7Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 8Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 9Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 10Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 11Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 12Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 13Page - Alliance Semiconductor Corporation AS9C25256M2036L Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AS9C25256M2036L
AS9C25128M2036L
9/30/04, v.1.3
Alliance Semiconductor
P. 10 of 30
®
Recommended operating Temperature
Recommended operating conditions
Notes:
1. OPT pin for a given port must be set to VSS(0V) to operate at VDDQ = 2.5V levels on the I/Os, addresses, clock and controls of that port.
2. OPT pin for a given port must be set to VDD(2.5V) to operate at VDDQ = 3.3V levels on the I/Os, addresses, clock and controls of that port.
DC Electrical Characteristics (VDD = 2.5 V ± 100 mV)
Notes:
1. Outputs disabled (High-Z condition).
Grade
Ambient Temperature (TA)
Commercial
0°C to 70°C
Industrial
-40°C to 85°C
VDDQ = 2.5V[1]
VDDQ = 3.3V[2]
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Core Supply Voltage
VDD
2.4
2.5
2.6
2.4
2.5
2.6
V
I/O supply Voltage
VDDQ
2.4
2.5
2.6
3.15
3.3
3.45
V
Ground
VSS
000
000
V
VDDQ = 2.5V
VDDQ = 3.3V
Parameter
Symbol
Test Conditions
Min
Max
Test Conditions
Min
Max
Units
Input Leakage
Current
|ILI|
VDDQ = Max;
0V < VIN < VDDQ
-2
VDDQ = Max;
0V < VIN < VDDQ
-2
µA
PL/FT and ZZ Input
Leakage Current
|ILI|
VDD = Max;
0V < VIN < VDD
-2
VDD = Max;
0V < VIN < VDD
-2
µA
Output Leakage
Current[1]
|ILO|
OE>=VIH;
0V < VOUT < VDDQ
-2
OE>=VIH;
0V < VOUT < VDDQ
-2
µA
Input high (logic 1)
voltage
(Address, Control,
Clock & Data Inputs)
VIH
-
1.7
VDDQ + 0.1V
-
2
VDDQ + 0.15V
V
Input high voltage
(ZZ,OPT,PL/FT)
VIH
-
VDD - 0.2V
VDD + 0.1V
-
VDD - 0.2V
VDD + 0.1V
V
Input low (logic 0)
voltage (Address,
Control, Clock &
Data Inputs)
VIL
-
-0.3
0.7
-
-0.3
0.8
V
Input low voltage
(ZZ,OPT,PL/FT)
VIL
-
-0.3
0.2
-
-0.3
0.2
V
Output low voltage
VOL
IOL = +2mA;
VDDQ = Min
-0.4
IOL = +4mA;
VDDQ = Min
-0.4
V
Output high voltage
VOH
IOH = -2mA;
VDDQ = Min
2.0
-
IOH = -4mA;
VDDQ = Min
2.4
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com