Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIDO5000 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce FIDO5000
Description  One Chip Many Ethernet Protocols
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

FIDO5000 Fiches technique(HTML) 2 Page - Analog Devices

  FIDO5000 Datasheet HTML 1Page - Analog Devices FIDO5000 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Priority Queue 0
Queue 1
Queue 2
Highest Priority Queue 3
fido5000
Industrial Ethernet
Interrupts 1 … 3
MCU or MPU
(ARM, PPC, …)
Figure 3. Concept of Analog Devices PriorityChannel technology.
Analog Devices, Inc.
Worldwide Headquarters
Analog Devices, Inc.
One Technology Way
P.O. Box 9106
Norwood, MA 02062-9106
U.S.A.
Tel: 781.329.4700
(800.262.5643, U.S.A. only)
Fax: 781.461.3113
Analog Devices, Inc.
Europe Headquarters
Analog Devices GmbH
Otl-Aicher-Str. 60-64
80807 München
Germany
Tel: 49.89.76903.0
Fax: 49.89.76903.157
Analog Devices, Inc.
Japan Headquarters
Analog Devices, KK
New Pier Takeshiba
South Tower Building
1-16-1 Kaigan, Minato-ku,
Tokyo, 105-6891
Japan
Tel: 813.5402.8200
Fax: 813.5402.1064
Analog Devices, Inc.
Asia Pacific Headquarters
Analog Devices
5F, Sandhill Plaza
2290 Zuchongzhi Road
Zhangjiang Hi-Tech Park
Pudong New District
Shanghai, China 201203
Tel: 86.21.2320.8000
Fax: 86.21.2320.8222
©2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
Ahead of What’s Possible is a trademark of Analog Devices.
TA16411-0-11/17
analog.com
Besides its switch functionality, the fido5000 also features a powerful
timer control unit (TCU). The TCU is intended to implement the synchroni-
zation mechanisms of the various industrial Ethernet protocols. Additional
functions like input capture or to output any square wave signals can
be realized via four dedicated outputs or through four universal inputs/
outputs. These ports are directly in phase with the synchronized time.
For example, it is possible to time stamp the arrival of an edge at any of
the four inputs with 64-bit resolution. At the outputs, any digital signal
patterns can be output synchronously to the network time. This means it
is possible to synchronize the user’s application with the network time
even down to cycle times less than 31.25
μs.
But the fido5000 does even more—the chip is already prepared for the
future! The fido5000 supports time sensitive networks (TSN). The needs
of future TSN-based industrial Ethernet applications will be able to meet
very demanding real-time requirements of applications like motion control
or safety.
TSN is a set of standards defined by the IEEE 802.1 workgroup. It will be
compatible with existing standard Ethernet technologies. Essentially, TSN
defines the first IEEE standard for time-controlled data routing in switched
Ethernet networks. The deterministic real-time communication within
the series of the IEEE 802 standards can thus be realized by means of a
common time base and a schedule, which is generated for message paths
over several network components.
In addition to the pure REM switch chip fido5000, ADI also provides a
complete solution with the fido5000 called RapID platform. The RapID
platform has all common industrial Ethernet protocols implemented and
can be integrated into a non-Ethernet field device without much effort.
This will allow the field device to meet the requirements of Industry 4.0
applications. The implementation of the common industrial Ethernet pro-
tocols is precertified. Another interesting feature of the RapID platform is
the dynamic, integrated web server. It allows the user to read and modify
network parameters, and input and output data in a very simple way.
Figure 4. The RapID platform based on fido5000 is available for use within an
evaluation kit.
The fido5000 REM switch and the RapID platform already offer the best
prerequisites for time-critical applications based on current industrial
Ethernet and future TSN standards.
About the Author
Thomas Brand began his career at Analog Devices in Munich in
October 2015 as part of his master’s thesis. From May 2016 to
January 2017, he was part of a trainee program for field applica-
tion engineers at Analog Devices. Afterward, in February 2017, he
moved into the role as field applications engineer. Within this role,
he is mainly responsible for large industrial customers. Furthermore,
he specializes in industrial Ethernet and supports related subjects in
Central Europe. He studied electrical engineering at the University of
Cooperative Education in Mosbach, Germany, before completing his
postgraduate studies in international sales with a master’s degree at
the University of Applied Sciences in Konstanz, Germany. He can be
reached at thomas.brand@analog.com.
Online Support
Community
Engage with the
Analog Devices technology experts in our online support
community. Ask your tough design questions, browse FAQs,
or join a conversation.
Visit ez.analog.com



Html Pages

1 2