Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F913E/P301 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce PIC16F913E/P301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913E/P301 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button PIC16F913E/P301 Datasheet HTML 35Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 36Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 37Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 38Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 39Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 40Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 41Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 42Page - Microchip Technology PIC16F913E/P301 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 37
PIC16F917/916/914/913
3.1.1.5
RA4/C1OUT/T0CKI/SEG4
Figure 3-5 shows the diagram for this pin. The
RA4/C1OUT/T0CKI/SEG4
pin
is
configurable
to
function as one of the following:
• a general purpose I/O
• a digital output from Comparator 1
• a clock input for TMR0
• an analog output for the LCD
FIGURE 3-5:
BLOCK DIAGRAM OF RA4/C1OUT/T0CKI/SEG4
C1OUT
CM<2:0> = 110 or 101
0
1
Schmitt
Trigger
Q
D
Q
CK
Data Latch
TRIS Latch
RD TRISA
RD PORTA
VSS
VDD
Q
D
Q
CK
T0CKI
Data Bus
WR PORTA
WR TRISA
SEG4
Analog Input or
I/O Pin
TTL
Input Buffer
SE4 and LCDEN
SE4 and LCDEN
SE4 and LCDEN
SE4 and LCDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More