Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATMEGA4809 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce ATMEGA4809
Description  ATmega4809 Curiosity Nano Hardware User Guide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4809 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button ATMEGA4809 Datasheet HTML 17Page - Microchip Technology ATMEGA4809 Datasheet HTML 18Page - Microchip Technology ATMEGA4809 Datasheet HTML 19Page - Microchip Technology ATMEGA4809 Datasheet HTML 20Page - Microchip Technology ATMEGA4809 Datasheet HTML 21Page - Microchip Technology ATMEGA4809 Datasheet HTML 22Page - Microchip Technology ATMEGA4809 Datasheet HTML 23Page - Microchip Technology ATMEGA4809 Datasheet HTML 24Page - Microchip Technology ATMEGA4809 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
7.2
Connecting External Debuggers
Even though there is an onboard debugger, external debuggers can be connected directly to
ATmega4809 Curiosity Nano to program/debug the ATmega4809. The onboard debugger keeps all the
pins connected to the ATmega4809 and board edge in tri-state when not actively used. Therefore, the
onboard debugger will not interfere with any external debug tools.
Figure 7-2. Connecting the PICkit
™ 4 to ATmega4809 Curiosity Nano
USB
DEBUGGER
PS LED
NC
ID
CDC RX
CDC TX
DBG1
DBG2
VBUS
VOFF
DBG3
DBG0
GND
VTG
CURIOSITY NANO
2
3
4
5
6
7
8
1
VDD
Ground
DATA
2 = VDD
3 = Ground
4 = PGD
5 = Unused
6 = Unused
7 = Unused
8 = Unused
1 = Unused
MPLAB® PICkit™ 4
ATmega4809 Curiosity Nano
Appendix
© 2018 Microchip Technology Inc.
User Guide
DS50002804A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28