| Moteur de recherche de fiches techniques de composants électroniques |
|
AM7953X-2JC Fiches technique(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7953X-2JC Fiches technique(HTML) 14 Page - Advanced Micro Devices |
|
14 / 20 page ![]() 14 Am7953X Data Sheet DC FEED CHARACTERISTICS a. VA–VB (VAB) Voltage vs. Loop Current (Typical) Notes: 1. Constant-current region: Active state: OHT state: 2. Anti-sat turn-on (Active state): Anti-sat –1: Anti-sat –2: 3. Open Circuit voltage (Active state): 4. Anti-sat –1 region: 5. Anti-sat –2 region: I L 2500 R DC ------------ = I L 1 2 --- 2500 R DC ------------ • = V AB 29.95 V = V AB 1.082 V BAT 15.149 – = V AB 0.9 V BAT 4.995, – = V AB 46.25 V, = V BAT 56.9 V < V BAT 56.9 V ≥ V AB 46.25 I L R DC 150.6 ------------- – = V AB 0.9 V BAT 4.995 – I L R DC 1128 ------------ – = 3 5 1 2 4 VBAT = –50 V VBAT = –47.3 V RDC = 62.5 kΩ Active state OHT state 2 |