Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7953X-1JC Fiches technique(PDF) 3 Page - Advanced Micro Devices

No de pièce AM7953X-1JC
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7953X-1JC Fiches technique(HTML) 3 Page - Advanced Micro Devices

  AM7953X-1JC Datasheet HTML 1Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 2Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 3Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 4Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 5Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 6Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 7Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 8Page - Advanced Micro Devices AM7953X-1JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SLIC Products
3
CONNECTION DIAGRAMS
Top View
RSVD
RSVD
CHS
L
TESTOUT
VBAT
QBAT
CHCLK
DA
HPB
HPA
VTX
VEE
RD
4
3
2
1
323130
8
9
10
11
29
28
27
26
25
24
23
14
15
16
17
18
19
20
Am79534
7
6
5
Notes:
1. Pin 1 is marked for orientation.
2. TP is a thermal conduction pin tied to substrate (QBAT).
3. RSVD = Reserved. Do not connect to these pins.
12
13
22
21
RSN
AGND
C4
E1
TP
TP
CHS
L
GKFIL
VBAT
QBAT
CHCLK
DA
HPB
HPA
VTX
VEE
RD
4
3
2
1
323130
8
9
10
11
29
28
27
26
25
24
23
14
15
16
17
18
19
20
Am79535
7
6
5
12
13
22
21
RSN
AGND
RSVD
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20