Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM293 Fiches technique(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM293
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM293 Fiches technique(HTML) 33 Page - Texas Instruments

Back Button LM293 Datasheet HTML 29Page - Texas Instruments LM293 Datasheet HTML 30Page - Texas Instruments LM293 Datasheet HTML 31Page - Texas Instruments LM293 Datasheet HTML 32Page - Texas Instruments LM293 Datasheet HTML 33Page - Texas Instruments LM293 Datasheet HTML 34Page - Texas Instruments LM293 Datasheet HTML 35Page - Texas Instruments LM293 Datasheet HTML 36Page - Texas Instruments LM293 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM193DR
SOIC
D
8
2500
350.0
350.0
43.0
LM2903AVQDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903AVQPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903AVQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903BIDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903BIPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2903DR
SOIC
D
8
2500
367.0
367.0
35.0
LM2903DR
SOIC
D
8
2500
333.2
345.9
28.6
LM2903DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DR
SOIC
D
8
2500
364.0
364.0
27.0
LM2903DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM2903DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM2903PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903QDRG4
SOIC
D
8
2500
350.0
350.0
43.0
LM2903VQDR
SOIC
D
8
2500
340.5
338.1
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Jul-2020
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49