Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79534 Fiches technique(PDF) 18 Page - Advanced Micro Devices

No de pièce AM79534
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79534 Fiches technique(HTML) 18 Page - Advanced Micro Devices

Back Button AM79534 Datasheet HTML 12Page - Advanced Micro Devices AM79534 Datasheet HTML 13Page - Advanced Micro Devices AM79534 Datasheet HTML 14Page - Advanced Micro Devices AM79534 Datasheet HTML 15Page - Advanced Micro Devices AM79534 Datasheet HTML 16Page - Advanced Micro Devices AM79534 Datasheet HTML 17Page - Advanced Micro Devices AM79534 Datasheet HTML 18Page - Advanced Micro Devices AM79534 Datasheet HTML 19Page - Advanced Micro Devices AM79534 Datasheet HTML 20Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Am7953X Data Sheet
PHYSICAL DIMENSION
PL032
REVISION SUMMARY
Revision B to Revision C
•
Minor changes to the data sheet style and format were made to conform to AMD standards.
•
Connection Diagrams—Changed pin 29 from TP to RSVD in the Am79534 diagram.
Revision C to Revision D
•
In Table 1, SLIC Decoding, the Open Circuit state of 001 was changed to 000.
•
In Pin Description table, inserted/changed TP pin description to: “Thermal pin. Connection for heat dissipation.
Internally connected to substrate (QBAT). Leave as open circuit or connected to QBAT. In both cases, the TP
pins can connect to an area of copper on the board to enhance heat dissipation.”
•
Minor changes to the data sheet style and format were made to conform to AMD standards.
Revision D to Revision E
•
The physical dimension (PL032) was added to the Physical Dimension section.
•
Deleted the Ceramic DIP and Plastic DIP parts (Am79530 and Am79531) and references to them.
•
Updated Pin Desciption to correct inconsistencies.
.050 REF.
.026
.032
TOP VIEW
Pin 1 I.D.
.485
.495
.447
.453
.585
.595
.547
.553
16-038FPO-5
PL 032
DA79
6-28-94 ae
SIDE VIEW
SEATING
PLANE
.125
.140
.009
.015
.080
.095
.042
.056
.013
.021
.400
REF.
.490
.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20