Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A2CNN Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  A2CNN Datasheet HTML 1Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 2Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 3Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 4Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 5Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 6Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 7Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
taneously train two models: a generative model G captures the data distribution and a discrimi-
native model D estimates the probability that a sample came from the training data o generated
by G. Inspired by GAN, we designed a adversarial adaptive model based on 1-D CNN named
A2CNN, which simultaneously satisfied the above fault-discriminative and domain-invariant re-
quirements. The details of the model will be shown in Section 3. To our best knowledge, this
is the first attempt for solving the domain adaptation issues in fault diagnosis by introducing
adversarial network.
The main contributions of this literature are summarized as follows.
1) We propose a novel adversarial adaptive CNN model which consists of four parts, namely,
a source feature extractor, a target feature extractor, a label classifier and a domain discriminator.
During the training stage, the layers between the source and target feature extractor are partially
untied to take both training e
fficiency and domain adaptation into consideration.
2) This proposed model has strong fault-discriminative and domain-invariant capacity, and
therefore can achieve high accuracy under di
fferent working conditions. We visualize the fea-
ture maps learned by our model to explore the intrinsic mechanism of proposed model in fault
diagnosis and domain adaptation.
3) Besides the commonly used fault diagnostic accuracy, we introduce two new evaluation
indicators, precision and recall. Compared with accuracy, precision and recall can evaluate the
reliability of a model for certain type of fault recognition in more detail.
The rest of paper is organized as follows. In Section 2, some preliminary knowledge that will
be used in our proposed framework is briefly reviewed. Section 3 introduced the construction of
our proposed A2CNN. A series of experiments are conducted in Section 4. Finally, we conclude
this paper in Section 5.
2. Preliminary Knowledge
The above CNNs for fault diagnosis mentioned in 1 work well only under a common as-
sumption: The training and test data is drawn from the same distribution. However, vibration
signals used for fault diagnosis usually show disobedience of the above assumption. In the run-
ning process of rotating machinery, because of complicated working conditions, the distributions
of fault data under varying working condition are not consistent. For example, the training sam-
ples for building the classifier might be collected under the work condition without the motor
load, nevertheless the actual application is to classify the defects from a bearing system under
di
fferent motor load states. Although the categories of defects remain unchanged, the target data
distribution changes with the motor load varies.
Our ultimate goal is to be able to predict labels given a sample from one working condition
while the classifier is trained by the samples collected in another working condition. Then,
the problem above can be regarded as a domain adaptation problem, which is a realistic and
challenging problem in fault diagnosis. To solve this challenge, a domain adaption technique,
would be needed to learn a discriminative classifier or other predictor in the presence of a ”shift”
between training and test distribution by taking full advantage of information coming from both
source and target domains.
2.1. Domain Adaptation
According to the survey on domain adaptation (DA) for classification [29], a domain D
consists of two components: a feature space X and a marginal probability distribution PX, where
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19