| Moteur de recherche de fiches techniques de composants électroniques |
|
A16N16MPP Fiches technique(PDF) 1 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
A16N16MPP Fiches technique(HTML) 1 Page - Pentair plc. All rights reserved. |
|
1 / 16 page ![]() Panels and Panel accessories Panels for enclosures Spec-00310 W Pentair electrical SUBJECT TO CHANGE WITHOUT NOTICE accessories 1 SPEC-00310 PerForaTed Panels Perforated panels are 16 gauge steel and accept self-tapping screws and eliminate the need to measure, mark and drill when mounting components. Use for mounting lightweight control components. BULLETIN: PNLP Catalog Number Use in Panel Size D x E (in.) Panel Size D x E (mm) A6N6PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 4.25 x 4.25 108 x 108 A8N6PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 6.25 x 4.25 159 x 108 A8N8PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 6.25 x 6.25 159 x 159 A10N8PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 8.25 x 6.25 210 x 159 A10N10PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 8.25 x 8.25 210 x 210 A12N10PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 10.25 x 8.25 260 x 210 A12N12PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 10.25 x 10.25 260 x 260 A14N12PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 12.25 x 10.25 311 x 260 A16N12PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 14.25 x 10.25 362 x 260 A20N12PP Small Type 1 Panel Enclosures and Small Type 3R Boxes 18.25 x 10.25 464 x 260 A16N12MPP Medium Type 1 Panel Enclosures 13.00 x 10.50 330 x 267 A16N16MPP Medium Type 1 Panel Enclosures 13.00 x 14.50 330 x 368 A16N20MPP Medium Type 1 Panel Enclosures 13.00 x 18.50 330 x 470 A18N18MPP Medium Type 1 Panel Enclosures 15.00 x 16.50 381 x 419 A20N12MPP Medium Type 1 Panel Enclosures 17.00 x 10.50 432 x 267 A20N16MPP Medium Type 1 Panel Enclosures 17.00 x 14.50 432 x 368 A20N20MPP Medium Type 1 Panel Enclosures 17.00 x 18.50 432 x 470 A24N16MPP Medium Type 1 Panel Enclosures 21.00 x 14.50 533 x 368 A24N20MPP Medium Type 1 Panel Enclosures 21.00 x 18.50 533 x 470 A24N24MPP Medium Type 1 Panel Enclosures 21.00 x 22.50 533 x 572 A30N20MPP Medium Type 1 Panel Enclosures 26.00 x 18.50 660 x 470 A30N24MPP Medium Type 1 Panel Enclosures 26.00 x 22.50 660 x 572 A30N30MPP Medium Type 1 Panel Enclosures 26.00 x 28.50 660 x 724 A36N24MPP Medium Type 1 Panel Enclosures 32.00 x 22.50 813 x 572 A36N30MPP Medium Type 1 Panel Enclosures 32.00 x 26.50 813 x 724 A16P12PP Medium Type 3R Hinged-Cover Panel Enclosures 13.00 x 9.00 330 x 229 A16P16PP Medium Type 3R Hinged-Cover Panel Enclosures 13.00 x 13.00 330 x 330 A20P16PP Medium Type 3R Hinged-Cover Panel Enclosures 17.00 x 13.00 432 x 330 A18P18PP Medium Type 3R Hinged-Cover Panel Enclosures 15.00 x 15.00 381 x 381 A20P20PP Medium Type 3R Hinged-Cover Panel Enclosures 17.00 x 17.00 432 x 732 A24P20PP Medium Type 3R Hinged-Cover Panel Enclosures 21.00 x 17.00 533 x 432 A24P24PP Medium Type 3R Hinged-Cover Panel Enclosures 21.00 x 21.00 533 x 533 A30P24PP Medium Type 3R Hinged-Cover Panel Enclosures 27.00 x 21.00 686 x 533 A36P24PP Medium Type 3R Hinged-Cover Panel Enclosures 33.00 x 21.00 838 x 533 A30P30PP Medium Type 3R Hinged-Cover Panel Enclosures 27.00 x 27.00 686 x 686 A36P30PP Medium Type 3R Hinged-Cover Panel Enclosures 33.00 x 27.00 838 x 686 A36P36PP Medium Type 3R Hinged-Cover Panel Enclosures 33.00 x 33.00 838 x 838 |
Numéro de pièce similaire - A16N16MPP |
|
Description similaire - A16N16MPP |