Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MXT1664T3-CCBESSQTP Fiches technique(PDF) 97 Page - Microchip Technology

No de pièce MXT1664T3-CCBESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCBESSQTP Fiches technique(HTML) 97 Page - Microchip Technology

Back Button MXT1664T3-CCBESSQTP Datasheet HTML 90Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 91Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 92Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 93Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 94Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 95Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 96Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 97Page - Microchip Technology MXT1664T3-CCBESSQTP Datasheet HTML 98Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
 2018 Microchip Technology Inc.
DS40002054A-page 97
Note the following details of the code protection feature on Microchip devices:
•
Microchip products meet the specification contained in their particular Microchip Data Sheet.
•
Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended
manner and under normal conditions.
•
There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge,
require using the Microchip products in a manner outside the operating specifications contained in Microchip’s Data Sheets. Most likely,
the person doing so is engaged in theft of intellectual property.
•
Microchip is willing to work with the customer who is concerned about the integrity of their code.
•
Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean
that we are guaranteeing the product as “unbreakable.”
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products.
Attempts to break Microchip’s code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized
access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device
applications and the like is provided only for your conve-
nience and may be superseded by updates. It is your
responsibility to ensure that your application meets with
your specifications. MICROCHIP MAKES NO REPRESEN-
TATIONS OR WARRANTIES OF ANY KIND WHETHER
EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATU-
TORY OR OTHERWISE, RELATED TO THE INFORMA-
TION,
INCLUDING
BUT
NOT
LIMITED
TO
ITS
CONDITION, QUALITY, PERFORMANCE, MERCHANT-
ABILITY OR FITNESS FOR PURPOSE. Microchip dis-
claims all liability arising from this information and its use.
Use of Microchip devices in life support and/or safety appli-
cations is entirely at the buyer’s risk, and the buyer agrees
to defend, indemnify and hold harmless Microchip from any
and all damages, claims, suits, or expenses resulting from
such use. No licenses are conveyed, implicitly or otherwise,
under any Microchip intellectual property rights unless oth-
erwise stated.
Trademarks
The Microchip name and logo, the Microchip logo, AnyRate, AVR,
AVR logo, AVR Freaks, BitCloud, chipKIT, chipKIT logo,
CryptoMemory, CryptoRF, dsPIC, FlashFlex, flexPWR, Heldo,
JukeBlox, KeeLoq, Kleer, LANCheck, LINK MD, maXStylus,
maXTouch, MediaLB, megaAVR, MOST, MOST logo, MPLAB,
OptoLyzer, PIC, picoPower, PICSTART, PIC32 logo, Prochip
Designer, QTouch, SAM-BA, SpyNIC, SST, SST Logo, SuperFlash,
tinyAVR, UNI/O, and XMEGA are registered trademarks of Microchip
Technology Incorporated in the U.S.A. and other countries.
ClockWorks, The Embedded Control Solutions Company,
EtherSynch, Hyper Speed Control, HyperLight Load, IntelliMOS,
mTouch, Precision Edge, and Quiet-Wire are registered trademarks of
Microchip Technology Incorporated in the U.S.A.
Adjacent Key Suppression, AKS, Analog-for-the-Digital Age, Any
Capacitor, AnyIn, AnyOut, BodyCom, CodeGuard,
CryptoAuthentication, CryptoAutomotive, CryptoCompanion,
CryptoController, dsPICDEM, dsPICDEM.net, Dynamic Average
Matching, DAM, ECAN, EtherGREEN, In-Circuit Serial Programming,
ICSP, INICnet, Inter-Chip Connectivity, JitterBlocker, KleerNet,
KleerNet logo, memBrain, Mindi, MiWi, motorBench, MPASM, MPF,
MPLAB Certified logo, MPLIB, MPLINK, MultiTRAK, NetDetach,
Omniscient Code Generation, PICDEM, PICDEM.net, PICkit, PICtail,
PowerSmart, PureSilicon, QMatrix, REAL ICE, Ripple Blocker,
SAM-ICE, Serial Quad I/O, SMART-I.S., SQI, SuperSwitcher,
SuperSwitcher II, Total Endurance, TSHARC, USBCheck, VariSense,
ViewSpan, WiperLock, Wireless DNA, and ZENA are trademarks of
Microchip Technology Incorporated in the U.S.A. and other countries.
SQTP is a service mark of Microchip Technology Incorporated in the
U.S.A.
Silicon Storage Technology is a registered trademark of Microchip
Technology Inc. in other countries.
GestIC is a registered trademark of Microchip Technology Germany II
GmbH & Co. KG, a subsidiary of Microchip Technology Inc., in other
countries.
All other trademarks mentioned herein are property of their respective
companies.
©
2018, Microchip Technology Incorporated, All Rights Reserved.
ISBN: 978-1-5224-3315-6
Microchip received ISO/TS-16949:2009 certification for its worldwide head-
quarters, design and wafer fabrication facilities in Chandler and Tempe, Ari-
zona; Gresham, Oregon and design centers in California and India. The
Company’s quality system processes and procedures are for its PIC®
MCUs and dsPIC® DSCs, KEELOQ® code hopping devices, Serial
EEPROMs, microperipherals, nonvolatile memory and analog products. In
addition, Microchip’s quality system for the design and manufacture of
development systems is ISO 9001:2000 certified.
QUALITYMANAGEMENTSYSTEM
CERTIFIEDBYDNV
==
ISO/TS16949==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98