Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATTINY817-MFR. Fiches technique(PDF) 72 Page - Microchip Technology

No de pièce ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Fiches technique(HTML) 72 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 68Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 69Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 70Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 71Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 72Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 73Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 492 page
background image
Table 11-1. SLPCTRL System Dependencies
Dependency
Applicable
Peripheral
Clocks
Yes
CLKCTRL
I/O Lines and Connections
No
-
Interrupts
no
-
Events
No
-
Debug
Yes
UPDI
11.2.2.1 Clocks
This peripheral depends on the peripheral clock.
Related Links
CLKCTRL - Clock Controller
11.2.2.2 I/O Lines and Connections
Not applicable.
11.2.2.3 Interrupts
Not applicable.
11.2.2.4 Events
Not applicable.
11.2.2.5 Debug Operation
When run-time debugging, this peripheral will continue normal operation. The SLPCTRL is only affected
by a break in debug operation: If the SLPCTRL is in a sleep mode when a break occurs, the device will
wake up and the SLPCTRL will go to active mode, even if there are no pending interrupt requests.
If the peripheral is configured to require periodical service by the CPU through interrupts or similar,
improper operation or data loss may result during halted debugging.
11.3
Functional Description
11.3.1
Initialization
To put the device into a sleep mode, follow these steps:
•
Configure and enable the interrupts that should wake up the device from sleep. Also enable global
interrupts.
Warning:  If there are no interrupts enabled when going to sleep, the device cannot wake
up again. Only a reset will allow the device to continue operation.
•
Select the sleep mode to be entered and enable the Sleep Controller by writing to the Sleep Mode
bits (SMODE) and the Enable bit (SEN) in the Control A register (SLPCTRL.CTRLA). A SLEEP
instruction must be run to make the device actually go to sleep.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More