Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MXT1664T3-ABESSQTP Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MXT1664T3-ABESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 35Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 36Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 37Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 38Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 39Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 41Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 39
8.8
Clock Stretching
The device supports clock stretching in accordance with the I2C specification. It may also instigate a clock stretch if a
communications event happens during a period when the device is busy internally. The maximum clock stretch is 2 ms
and typically less than 350 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98