Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MXT1664T3-C2UESSQTP Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce MXT1664T3-C2UESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP Fiches technique(HTML) 11 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 9Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 10Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 11Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 12Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 13Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 14Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 11
E2
GPIO0
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
E3
AVDD
P
–
Analog power
–
E4
GND
P
–
Ground
–
E5
GND
P
–
Ground
–
E15
GND
P
–
Ground power
–
E16
X19
S
XVdd
X matrix drive line
Leave open
E17
X20
S
XVdd
X matrix drive line
Leave open
E18
X21
S
XVdd
X matrix drive line
Leave open
E19
X22
S
XVdd
X matrix drive line
Leave open
F1
GPIO1
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
F2
GPIO2
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
F3
GND
P
–
Ground
–
F4
GND
P
–
Ground
–
F5
Y29
S
AVdd
Y line connection
Leave open
F6
Y25
S
AVdd
Y line connection
Leave open
F7
Y21
S
AVdd
Y line connection
Leave open
F8
Y18
S
AVdd
Y line connection
Leave open
F9
Y15
S
AVdd
Y line connection
Leave open
F10
Y11
S
AVdd
Y line connection
Leave open
F11
Y7
S
AVdd
Y line connection
Leave open
F12
Y3
S
AVdd
Y line connection
Leave open
F13
Y0
S
AVdd
Y line connection
Leave open
F14
XVDD
P
–
X line drive power
–
F15
X14
S
XVdd
X matrix drive line
Leave open
F16
X15
S
XVdd
X matrix drive line
Leave open
F17
X16
S
XVdd
X matrix drive line
Leave open
F18
X17
S
XVdd
X matrix drive line
Leave open
F19
X18
S
XVdd
X matrix drive line
Leave open
G1
GPIO3
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
G2
GPIO4
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
G3
VDDIO
P
–
Host interface power
–
G4
Y33
S
AVdd
Y line connection
Leave open
G5
Y30
S
AVdd
Y line connection
Leave open
G6
Y26
S
AVdd
Y line connection
Leave open
G7
Y22
S
AVdd
Y line connection
Leave open
G8
Y19
S
AVdd
Y line connection
Leave open
G9
Y16
S
AVdd
Y line connection
Leave open
G10
Y12
S
AVdd
Y line connection
Leave open
G11
Y8
S
AVdd
Y line connection
Leave open
G12
Y4
S
AVdd
Y line connection
Leave open
G13
Y1
S
AVdd
Y line connection
Leave open
TABLE 2:
PIN LISTING – 162-BALL UFBGA (CONTINUED)
Ball
Name
Type
Supply
Description
If Unused...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98