Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7265X Fiches technique(PDF) 21 Page - ams AG

No de pièce AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Fiches technique(HTML) 21 Page - ams AG

Back Button AS7265X Datasheet HTML 17Page - ams AG AS7265X Datasheet HTML 18Page - ams AG AS7265X Datasheet HTML 19Page - ams AG AS7265X Datasheet HTML 20Page - ams AG AS7265X Datasheet HTML 21Page - ams AG AS7265X Datasheet HTML 22Page - ams AG AS7265X Datasheet HTML 23Page - ams AG AS7265X Datasheet HTML 24Page - ams AG AS7265X Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ams Datasheet
Page 21
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
Figure 22:
Bank Mode and Data Conversion
RC Oscillator
The timing generation circuit consists of on-chip 16MHz, tem-
perature compensated oscillators, which provide the individual
master clocks of the AS7625x devices
Temperature Sensor
The AS7265x internal temperature sensors are constantly mea-
suring on-chip temperature to enable temperature compensa-
tion procedures, and can be read via I²C registers or AT com-
mands in the AS72651.
BANK Mode 0
One Conversion
S, T, U, V, I, G, H, K, C, A, B, E
Integration Time
R, T, U, W, L, G, H, J, F, A, B, D
One Conversion
BANK Mode 1
Integration Time
1st Conversion
BANK Mode 2
Integration Time
2nd Conversion
Integration Time
S, T, U, V, I, G, H, K, C, A, B, E
R, T, U, W, L, G, H, J, F, A, B, D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63