| Moteur de recherche de fiches techniques de composants électroniques |
|
X710-DA2 Fiches technique(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
X710-DA2 Fiches technique(HTML) 1 Page - Intel Corporation |
|
1 / 5 page ![]() Key Features • OCP NIC 3.0 Small Form Factor adapter • Quad-port and Dual-port 10GbE SFP+ • PCI Express (PCIe) 3.0 x8 • Network Virtualization offloads including VXLAN, GENEVE, NVGRE, MPLS, and VXLAN-GPE with Network Service Headers (NSH) • Intel® Ethernet Flow Director for hardware based application traffic steering • Dynamic Device Personalization (DDP) enables increased packet processing efficiency for NFV and Cloud deployments • Data Plane Development Kit (DPDK) optimized for efficient packet processing • Excellent small packet performance for network appliances and Network Functions Virtualization (NFV) • I/O virtualization innovations for maximum performance in a virtualized server ProductBrief Dual and quad-port 10 Gigabit Ethernet adapters for OCP NIC 3.0 Intel® Ethernet Network Adapter X710-DA2/-DA4 for OCP 3.0 Overview The Intel® Ethernet Network Adapter X710-DA2 and -DA4 for OCP 3.0 are part of the Intel® Ethernet 700 Series, the foundation for server connectivity; providing broad interoperability, critical performance optimizations, and increased agility for Communications, Cloud, and Enterprise IT network solutions. • Interoperability - Multiple speeds and media types for broad compatibility backed by extensive testing and validation. • Optimization - Intelligent offloads and accelerators to unlock network performance in servers with Intel® Xeon® processors. • Agility - Both Kernel and Data Plane Development Kit (DPDK) drivers for scalable packet processing. The OCP NIC 3.0 specification defines a standardized design for a new generation of network adapters. Simple and straightforward form factors, clear manageability requirements, and improved serviceability help simplify deployment for current and emerging capabilities. The Intel® Ethernet 700 Series delivers networking performance across a wide range of network port speeds through intelligent offloads, sophisticated packet processing, and quality open source drivers. |
Numéro de pièce similaire - X710-DA2 |
|
Description similaire - X710-DA2 |