| Moteur de recherche de fiches techniques de composants électroniques |
|
IS25LP016D-RHLA3:P Fiches technique(PDF) 13 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP016D-RHLA3:P Fiches technique(HTML) 13 Page - Integrated Silicon Solution, Inc |
|
13 / 114 page ![]() IS25LP016D IS25WP016D Integrated Silicon Solution, Inc.- www.issi.com 13 Rev. B10 03/09/2020 Figure 4.2 SPI Mode Support SCK SO SI Mode 0 (0,0) Mode 3 (1,1) MSB MSB SCK Figure 4.3 QPI Mode Support 20 CE # SCK 4 0 4 0 3-byte Address 16 12 8 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Mode 3 Mode 0 IO0 IO1 21 5 1 5 1 17 13 9 22 6 2 6 2 18 14 10 7 3 3 19 15 11 Mode Bits IO2 IO3 C4 C0 C1 C5 C2 C6 C3 C7 1 4 0 4 0 5 1 5 1 6 2 6 2 3 3 4 5 6 0 1 2 3 ... ... ... ... Data 1 Data 2 Data 3 23 1 7 1 7 1 7 1 7 1 6 Note1: MSB (Most Significant Bit) |