| Moteur de recherche de fiches techniques de composants électroniques |
|
ROMSPG3.01 Fiches technique(PDF) 1 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
ROMSPG3.01 Fiches technique(HTML) 1 Page - u-blox AG |
|
1 / 31 page ![]() CAM-M8 u-blox M8 Concurrent GNSS Antenna Modules Data Sheet Abstract Technical data sheet describing the CAM-M8 module series, which provides concurrent reception of up to 3 GNSS (GPS, Galileo, GLONASS, BeiDou). CAM-M8 includes an embedded, omni-directional and wideband antenna and provides the option to connect an external antenna as well. www.u-blox.com UBX-15031574 - R04 |
Numéro de pièce similaire - ROMSPG3.01 |
|
Description similaire - ROMSPG3.01 |