| Moteur de recherche de fiches techniques de composants électroniques |
|
IS25LP032D-RMLA3:P Fiches technique(PDF) 7 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032D-RMLA3:P Fiches technique(HTML) 7 Page - Integrated Silicon Solution, Inc |
|
7 / 118 page ![]() IS25LP032D IS25WP032D Integrated Silicon Solution, Inc.- www.issi.com 7 Rev. A12 08/04/2020 1. PIN CONFIGURATION F1 NC Vcc RESET#/NC NC NC NC CE# SO (IO1) 1 2 3 4 5 6 7 8 10 9 15 14 13 12 11 16 SCK SI (IO0) NC NC NC NC GND WP# (IO2) 16-pin SOIC 300mil (Package: M) HOLD# or RESET# (IO3) (1) 6 3 CE# Vcc SCK SI (IO0 ) 7 8 5 4 1 2 GND WP# (IO2) SO (IO1) HOLD# or RESET# (IO3) 8-pin SOIC 208mil (Package: B) 8-pin SOIC 150mil (Package: N) 8-pin WSON 8x6mm (Package: L) 8-pin WSON 6x5mm (Package: K) 8-pin XSON 4x4mm (Package: E) 8-pin USON 4x3mm (Package: T) HOLD# or RESET# (IO3) Vcc CE# GND SCK 1 2 3 4 7 6 5 SO (IO1) SI (IO0 ) 8 WP# (IO2) (1) (1) |