| Moteur de recherche de fiches techniques de composants électroniques |
|
IS25LP032D-RLLA3:P Fiches technique(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032D-RLLA3:P Fiches technique(HTML) 8 Page - Integrated Silicon Solution, Inc |
|
8 / 118 page ![]() IS25LP032D IS25WP032D Integrated Silicon Solution, Inc.- www.issi.com 8 Rev. A12 08/04/2020 Top View, Balls Facing Down NC NC NC NC F1 F2 F3 F4 NC NC NC SCK GND VCC NC CE# NC WP#(IO2) NC SO(IO1) SI(IO0) HOLD# or RESET# (IO3) NC NC NC NC NC A2 A3 A3 A4 B1 B2 B3 B4 C1 C2 C3 C4 D1 D2 D3 D4 E1 E2 E3 E4 A1 (1) RESET#/NC NC NC NC SCK GND VCC NC CE# NC WP#(IO2) NC SO(IO1) SI(IO0) HOLD# or RESET# (IO3) NC NC NC NC NC NC NC NC Top View, Balls Facing Down NC A2 A3 A3 A4 B1 B2 B3 B4 C1 C2 C3 C4 D1 D2 D3 D4 E1 E2 E3 E4 A5 B5 C5 D5 E5 (1) RESET#/NC Note: 1. The pin can be configured as Hold# or Reset# by setting P7 bit of the Read Register. Pin default is Hold# (IO3). 24-ball TFBGA 6x8mm (4x6 ball array) (Package: G) 24-ball TFBGA 6x8mm (5x5 ball array) (Package: H) |