Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP23DB01HP Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce MP23DB01HP
Description  digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB01HP Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button MP23DB01HP Datasheet HTML 5Page - STMicroelectronics MP23DB01HP Datasheet HTML 6Page - STMicroelectronics MP23DB01HP Datasheet HTML 7Page - STMicroelectronics MP23DB01HP Datasheet HTML 8Page - STMicroelectronics MP23DB01HP Datasheet HTML 9Page - STMicroelectronics MP23DB01HP Datasheet HTML 10Page - STMicroelectronics MP23DB01HP Datasheet HTML 11Page - STMicroelectronics MP23DB01HP Datasheet HTML 12Page - STMicroelectronics MP23DB01HP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID034289 Rev 2
9/15
MP23DB01HP
Functionality
15
4
Functionality
4.1
L/R channel selection
The L/R digital pad lets the user select the DOUT signal pattern as explained in Table 8.
The L/R pin must be connected to Vdd or GND.
Note:
As the L/R pin is internally connected to GND via a 200k pull-down resistor, it is not
mandatory to connect the pin itself to GND for the respective channel selection.
Table 8. L/R channel selection
L/R
CLK low
CLK high
GND
Data valid
High impedance
Vdd
High impedance
Data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15