Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM9928 Fiches technique(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No de pièce HM9928
Description  LED Emergency Lighting driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Site Internet  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9928 Fiches technique(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9928 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9928 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9928 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9928 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9928 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LED Emergency Lighting driver
HM9928
Operation
1、AC main line detection
     
HM9928  is  an ASIC for LED emergency lighting. The output PIN EN switch is turned on if the resistance
  
between  VL  and  VN  is  less  than  the  threshold  resistance,  while  there  is  no  AC  power  signal.   If  the  AC 
power  is  detected  or  the  resistance  between  VL  and  VN  is  larger than  the threshold,  the  EN  PIN  is  high 
impedance state.    
AC input
EN
NOTE
AC power
High impedance
AC open
High impedance
AC short
High level(battery voltage)
Resistance is less than threshold
2、Battery Management
HM9928  integrates battery protection including to protect lithium ion/polymer battery from damage or
degrading the lifetime due to overcharge, over discharge, battery reverse protection and overcurrent for 
one‐cell lithium‐ion/polymer battery.  
 
3、
Output current
In order to set the LED current, a ballast resister could be added between EN PIN and LED load. The internal 
MOSFET resistance is 200mohm. 
.



Html Pages

1 2 3 4 5