Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2517FD-H/SL Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MCP2517FD-H/SL
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 13Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 14Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 15Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 16Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 17Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 18Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 19Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 20Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 17
MCP2517FD
bit 1
Unimplemented:
Read as ‘0’
bit 0
PLLEN:
PLL Enable( 1)
1
= System Clock from 10x PLL
0
= System Clock comes directly from XTAL oscillator
REGISTER 3-1:
OSC – MCP2517FD OSCILLATOR CONTROL REGISTER (CONTINUED)
Note 1:
This bit can only be modified in Configuration mode.
2:
Clearing OSCDIS while in Sleep mode will wake-up the device and put it back in Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98