| Moteur de recherche de fiches techniques de composants électroniques |
|
IS25LP016D-RBLE:P Fiches technique(PDF) 6 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP016D-RBLE:P Fiches technique(HTML) 6 Page - Integrated Silicon Solution, Inc |
|
6 / 114 page ![]() IS25LP016D IS25WP016D Integrated Silicon Solution, Inc.- www.issi.com 6 Rev. B10 03/09/2020 10.4 8-Contact Ultra-Thin Small Outline No-Lead (USON) Package 2x3mm (U) ......................................105 10.5 8-Contact Ultra-Thin Small Outline No-Lead (USON) Package 4x3mm (T).......................................106 10.6 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 6x5mm (K)......................................107 10.7 16-Pin JEDEC 300mil Small Outline Integrated Circuit (SOIC) Package (M) ....................................108 10.8 24-Ball Thin Profile Fine Pitch BGA 6x8mm 4x6 array (G).................................................................109 10.9 24-Ball Thin Profile Fine Pitch BGA 6x8mm 5x5 array (H).................................................................110 10.10 8-CONTACT ULTRA-THIN SMALL OUTLINE NO-LEAD (WSON) PACKAGE 8x6mm (L).............111 11. ORDERING INFORMATION - Valid Part Numbers...............................................................................112 |