Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS25LP016D-RBLE:P Fiches technique(PDF) 107 Page - Integrated Silicon Solution, Inc

No de pièce IS25LP016D-RBLE:P
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RBLE:P Fiches technique(HTML) 107 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RBLE:P Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 110Page - Integrated Silicon Solution, Inc IS25LP016D-RBLE:P Datasheet HTML 111Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
107
Rev. B10
03/09/2020
10.6 8-CONTACT ULTRA-THIN SMALL OUTLINE NO-LEAD (WSON) PACKAGE 6X5MM (K)
Note:
1.
Please click here to refer to Application Note (AN25D011, Thin USON/WSON/XSON package
handling precautions) for assembly guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More