Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2MDLTR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce LIS2MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDLTR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button LIS2MDLTR Datasheet HTML 33Page - STMicroelectronics LIS2MDLTR Datasheet HTML 34Page - STMicroelectronics LIS2MDLTR Datasheet HTML 35Page - STMicroelectronics LIS2MDLTR Datasheet HTML 36Page - STMicroelectronics LIS2MDLTR Datasheet HTML 37Page - STMicroelectronics LIS2MDLTR Datasheet HTML 38Page - STMicroelectronics LIS2MDLTR Datasheet HTML 39Page - STMicroelectronics LIS2MDLTR Datasheet HTML 40Page - STMicroelectronics LIS2MDLTR Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DocID030621 Rev 5
39/41
LIS2MDL
Package information
41
Figure 12. Reel information for carrier tape of LGA-12 package
Table 48. Reel dimensions for carrier tape of LGA-12 package
Reel dimensions (mm)
A (max)
330
B (min)
1.5
C
13 ±0.25
D (min)
20.2
N (min)
60
G
12.4 +2/-0
T (max)
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41